Part Number Hot Search : 
SAA5296H LVC1G04 COE156M STM8309 2SS20 A102A T82V2 1801B
Product Description
Full Text Search
 

To Download PESD5V0S1BA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PESD5V0S1BA; PESD5V0S1BB; PESD5V0S1BL
Low capacitance bidirectional ESD protection diodes
Rev. 03 -- 17 December 2004 Product data sheet
1. Product profile
1.1 General description
Low capacitance ElectroStatic Discharge (ESD) protection diodes in ultra small SMD plastic packages designed to protect one signal line from the damage caused by ESD and other transients.
Table 1: Product overview Package Philips PESD5V0S1BA PESD5V0S1BB PESD5V0S1BL SOD323 SOD523 SOD882 JEITA SC-76 SC-79 -
Type number
1.2 Features
s s s s Bidirectional ESD protection of one line Max. peak pulse power: PPP = 130 W Low clamping voltage: V(CL)R = 14 V Ultra low leakage current: IRM = 5 nA s s s s ESD protection > 30 kV IEC 61000-4-2, level 4 (ESD) IEC 61000-4-5 (surge); IPP = 12 A Ultra small SMD plastic packages
1.3 Applications
s Cellular handsets and accessories s Portable electronics s Computers and peripherals s Communication systems s Audio and video equipment
1.4 Quick reference data
Table 2: Symbol VRWM Cd Quick reference data Parameter reverse stand-off voltage diode capacitance VR = 0 V; f = 1 MHz Conditions Min Typ 35 Max 5 45 Unit V pF
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
2. Pinning information
Table 3: Pin 1 2 Pinning Description cathode 1 cathode 2
1
001aab540
Simplified outline
Symbol
SOD323, SOD523
2
1
sym045
2
SOD882 1 2 cathode 1 cathode 2
1 2
sym045
1
2
Transparent top view
3. Ordering information
Table 4: Ordering information Package Name PESD5V0S1BA PESD5V0S1BB PESD5V0S1BL SC-76 SC-79 Description plastic surface mounted package; 2 leads plastic surface mounted package; 2 leads leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm Version SOD323 SOD523 SOD882 Type number
4. Marking
Table 5: Marking codes Marking code E6 L7 F1 Type number PESD5V0S1BA PESD5V0S1BB PESD5V0S1BL
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
2 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
5. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode PPP IPP Tj Tamb Tstg
[1] [2]
Parameter peak pulse power peak pulse current junction temperature ambient temperature storage temperature
Conditions 8/20 s 8/20 s
[1] [2] [1] [2]
Min -65 -65
Max 130 12 150 +150 +150
Unit W A C C C
Non-repetitive current pulse 8/20 s exponentially decaying waveform according to IEC61000-4-5; see Figure 1. Measured from pin 1 to pin 2.
Table 7: ESD
ESD maximum ratings Conditions IEC 61000-4-2 (contact discharge) HBM MIL-Std 883
[1] [2]
Symbol Parameter electrostatic discharge capability
Min -
Max 30 10
Unit kV kV
[1] [2]
Measured from pin 1 to pin 2. Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Figure 2.
Table 8:
ESD standards compliance Conditions > 15 kV (air); > 8 kV (contact) > 4 kV
ESD Standard IEC 61000-4-2, level 4 (ESD); Figure 2 HBM MIL-STD 883; class 3
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
3 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
001aaa191
120 Ipp (%) 80 100 % Ipp; 8 s
mle218
Ipp 100 % 90 %
e-t 50 % Ipp; 20 s
40
10 % tr = 0.7 to 1 ns 0 10 20 30 t (s) 40 30 ns 60 ns t
0
Fig 1. 8/20 s pulse waveform according to IEC 61000-4-5
Fig 2. ElectroStatic Discharge (ESD) pulse waveform according to IEC 61000-4-2
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
4 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
6. Characteristics
Table 9: Characteristics Tamb = 25 C unless otherwise specified. Symbol Per diode VRWM IRM V(CL)R V(BR) rdif Cd reverse stand-off voltage reverse leakage current clamping voltage breakdown voltage differential resistance diode capacitance VRWM = 5 V; see Figure 6 IPP = 1 A IPP = 12 A IR = 1 mA IR = 1 mA VR = 0 V; f = 1 MHz; see Figure 5
[1] [2] [1] [2]
Parameter
Conditions
Min 5.5 -
Typ 5 35
Max 5 100 10 14 9.5 50 45
Unit V nA V V V pF
[1] [2]
Non-repetitive current pulse 8/20 s exponentially decaying waveform according to IEC61000-4-5; see Figure 1. Measures from pin 1 to pin 2.
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
5 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
103
001aaa202
1.2 Ppp
001aaa193
Ppp (W)
Ppp(25C) 0.8
102
0.4
10 1 10
102
103 t p (s)
104
0 0 50 100 150 Tj (C) 200
Tamb = 25 C
Fig 3. Peak pulse power dissipation as a function of exponential time duration tp; typical values
38 Cd (pF) 34
001aaa203
Fig 4. Relative variation of peak pulse power as a function of junction temperature; typical values
102 IRM(Tj) IRM(Tj =85C) 10
001aaa204
30
1 26
22 0 1 2 3 4 VR (V) 5
10-1 75 100 125 Tj (C) 150
Tamb = 25 C; f = 1 MHz
Fig 5. Diode capacitance as a function of reverse voltage; typical values
Fig 6. Relative variation of reverse leakage current as a function of junction temperature; typical values
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
6 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
ESD TESTER RZ CZ PESD5V0S1Bx IEC 61000-4-2 network CZ = 150 pF; RZ = 330
450
RG 223/U 50 coax
4 GHz DIGITAL OSCILLOSCOPE 10x ATTENUATOR
50
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 10 V/div horizontal scale = 50 ns/div
GND
GND
unclamped +1 kV ESD voltage waveform (IEC61000-4-2 network)
clamped +1 kV ESD voltage waveform (IEC61000-4-2 network)
GND
GND
vertical scale = 200 V/div horizontal scale = 50 ns/div unclamped -1 kV ESD voltage waveform (IEC61000-4-2 network)
vertical scale = 10 V/div horizontal scale = 50 ns/div clamped -1 kV ESD voltage waveform (IEC61000-4-2 network)
006aaa056
Fig 7. ESD clamping test set-up and waveforms
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
7 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
7. Application information
PESD5V0S1Bx series is designed for the protection of one bidirectional signal line from the damage caused by ElectroStatic Discharge (ESD) and surge pulses. The devices may be used on lines where the signal polarities are above and below ground. They provide a surge capability of up to 130 W per line for a 8/20 s waveform.
signal line
PESD5V0S1Bx
GND
006aaa057
Fig 8. Bidirectional protection of one signal line.
Circuit board layout and protection device placement: Circuit board layout is critical for the suppression of ESD, EFT and surge transients. The following guidelines are recommended: 1. Place the protection device as close to the input terminal or connector as possible. 2. The path length between the protection device and the protected line should be minimized. 3. Keep parallel signal paths to a minimum. 4. Avoid running protection conductors in parallel with unprotected conductor. 5. Minimize all printed-circuit board conductive loops including power and ground loops. 6. Minimize the length of the transient return path to ground. 7. Avoid using shared transient return paths to a common ground point. 8. Ground planes should be used whenever possible. For multilayer printed-circuit boards, use ground vias.
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
8 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
8. Package outline
Plastic surface mounted package; 2 leads SOD323
D
A
E
X
HD
v
M
A
Q
1
2
bp A
A1
(1)
c Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.05 bp 0.40 0.25 c 0.25 0.10 D 1.8 1.6 E 1.35 1.15 HD 2.7 2.3 Lp 0.45 0.15 Q 0.25 0.15 v 0.2
Note 1. The marking bar indicates the cathode OUTLINE VERSION SOD323 REFERENCES IEC JEDEC JEITA SC-76 EUROPEAN PROJECTION ISSUE DATE 99-09-13 03-12-17
Fig 9. Package outline SOD323 (SC-76)
9397 750 14036 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
9 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
Plastic surface mounted package; 2 leads
SOD523
A c HE vMA
D
A
0
0.5 scale
1 mm
1 E bp
2
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.65 0.58 bp 0.34 0.26 c 0.17 0.11 D 1.25 1.15 E 0.85 0.75 HE 1.65 1.55 v 0.1
(1)
Note 1. The marking bar indicates the cathode. OUTLINE VERSION SOD523 REFERENCES IEC JEDEC JEITA SC-79 EUROPEAN PROJECTION ISSUE DATE 98-11-25 02-12-13
Fig 10. Package outline SOD523 (SC-79)
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
10 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
Leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm
SOD882
L
L
1
2
b
e1
A A1
E
D
(2) 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) 0.50 0.46 A1 max. 0.03 b 0.55 0.47 D 0.62 0.55 E 1.02 0.95 e1 0.65 L 0.30 0.22 0.5 scale 1 mm
Notes 1. Including plating thickness 2. The marking bar indicates the cathode OUTLINE VERSION SOD882 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 03-04-16 03-04-17
Fig 11. Package outline SOD882
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
11 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
9. Packing information
Table 10: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number PESD5V0S1BA PESD5V0S1BB PESD5V0S1BL
[1]
Package SOD323 SOD523 SOD882
Description 4 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 -115 -115 10000 -135 -135 -315
For further information and the availability of packing methods, see Section 14.
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
12 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
10. Revision history
Table 11: Revision history Release date Data sheet status Change notice Doc. number Product data sheet Supersedes 9397 750 14036 PESD5V0S1BA_BB_ BL_2 Document ID
PESD5V0S1BA_BB_BL_3 20041217 Modifications:
* * * *
Table 1 Product overview added Figure 1 Figure title amended Table 9 Symbol for differential resistance amended to rdif Figure 5 Axis description changed from VBR to VR and figure title amended Product data sheet Product specification Product specification 9397 750 13514 PESD5V0S1BA_1 PESD5V0S1BB_1 9397 750 12256 9397 750 12257 -
PESD5V0S1BA_BB_BL_2 20040802 PESD5V0S1BA_1 PESD5V0S1BB_1 20040322 20040304
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
13 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14036
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 17 December 2004
14 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application information. . . . . . . . . . . . . . . . . . . 8 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packing information. . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Contact information . . . . . . . . . . . . . . . . . . . . 14
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 17 December 2004 Document number: 9397 750 14036
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PESD5V0S1BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X